Part Number Hot Search : 
2SD128 BAS19 1N4007 N4210 4ALVCH16 CY37192 NMR118C 2DF5VSA
Product Description
Full Text Search
 

To Download 1N6690 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
1N6690-1N6693 and 1N6690US-1N6693US
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER Features:
* * * * * * * * * Replaces DO-4 and DO-5 Ultra Fast Recovery PIV to 1200 Volts Low Reverse Leakage Hermetically Sealed Void-Free Construction3/ Monolithic Single Chip Construction High Surge Rating Low Thermal Resistance Available in Surface Mount Versions (-US Suffix) and in Button Tab Mounting (See Data Sheet RU0129). * TX, TXV, and S-Level Screening Available2/
DESIGNER'S DATA SHEET
Part Number / Ordering Information 1/ 1N66 __ __ __

L L Screening
2/
Package
= None TX = TX Level TXV = TXV Level S = S Level ____ = Axial SMS = Surface Mount Square Tab
L Voltage
90 = 600 V 91 = 800 V 92 = 1000 V 93 = 1200 V
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage
1N6690 & 1N6690US 1N6691 & 1N6691US 1N6692 & 1N6692US 1N6693 & 1N6693US
Symbol
VRRM VRWM VR Io
Value
600 800 1000 1200
Units
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 100C) Repetitive Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between Pulses, TA = 25C) Operating & Storage Temperature Maximum Thermal Resistance Junction to Leads, L = 3/8 " Junction to End Tab
20
Amps
IFSM Top & Tstg RJL RJE
375 -65 to +175 3.0 2.5
Amps C C/W
Notes: 1/ For Ordering Information, Price, Operating Curves, and Availability - Contact Factory. 2/ Screening Based on MIL-PRF-19500. Specifics Available on Request. 3/ PIND Testing not Required on Void Free Devices per MIL-PRF-19500. Axial Leaded SMS
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0143D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
1N6690-1N6693 and 1N6690US-1N6693US
Symbol
TA = 25C TA = -55C TA = 25C TA = 100C VF1
VF2
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF = 20 Adc, 300-500 s pulse) Reverse Leakage Current (Rated VR, 300 s pulse minimum) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1MHz) Reverse Recovery Time (IF = 500 mA, IR = 1A, IRR = 250mA, TA = 25C)
Case Outline: Axial
Max
1.9 2.2 10 2.0 250 75
Units
Vdc A mA pF nsec
IR1 IR2 CJ trr
Surface Mount Square Tab (SMS)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0143D
DOC


▲Up To Search▲   

 
Price & Availability of 1N6690

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X